PART |
Description |
Maker |
IRFU120 IRFR120TR IRFU120TR |
HEXFET POWER MOSFET HEXFET功率MOSFET (IRFR120TR / IRFU120TR) HEXFET POWER MOSFET (IRFR120 / IRFU120) HEXFET POWER MOSFET HEXFET? Power MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFB4115GPBF |
HEXFETPower MOSFET
|
International Rectifier
|
IRFB4321GPBF |
HEXFETPower MOSFET
|
International Rectifier
|
IRFB4410ZGPBF |
HEXFETPower MOSFET
|
International Rectifier
|
IRFH6200PBF |
HEXFETPower MOSFET
|
International Rectifier
|
IRF7452QPBF10 |
HEXFETPower MOSFET
|
International Rectifier
|
IR710PBF INTERNATIONALRECTIFIER-IR710PBF |
HEXFETPower MOSFET ㈢的HEXFET功率MOSFET
|
|
IRF7328PBF |
HEXFETPower MOSFET ㈢的HEXFET功率MOSFET
|
International Rectifier, Corp.
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
PVDZ172 |
HEXFETPower MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
|
International Rectifier
|